PART |
Description |
Maker |
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
HD404918 HD404919 HD40P4919 HN27C256-20 HN27C256H- |
ROM(words): 16,386; V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
|
HITACHI[Hitachi Semiconductor]
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
IC80C31 IC80C51-24PL IC80C31-12PL |
(IC80C31 / IC80C51) CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS单芯位微控制
|
Integrated Circuit Solution Air Cost Control Electronic Theatre Controls, Inc.
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
KS57C21116 KS57C21124 KS57C21132 KS57P21132 |
(KS57C21116 - KS57P21132) single-chip CMOS microcontroller The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
|
Samsung semiconductor
|
M38063EB-FP M38066MADFP M38060EFDFP M38061EFDFP M3 |
8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|
M38064M2-FS M38064M2DFS M38064E3DFS M38060E1-FS M3 |
8-BIT, OTPROM, 4 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|
CXP82220 CXP82224 CXP-82220 CXP-82224 |
IC,MICROCONTROLLER,8-BIT,SPC700 CPU,CMOS,QFP,100PIN,PLASTIC CMOS 8-bit Single Chip Microcomputer
|
SONY[Sony Corporation]
|
GMS97C1051-24D GMS97L1051 GMS97L2051 GMS97L1051-D |
8-Bit CMOS Microcontorller CMOS SINGLE CHIP 8-BIT MCS-51 COMPATIBLE MICOROCONTROLLER(CMOS单芯8和MCS-51兼容的微控制 REMOTE CONTROLLER
|
Hynix Semiconductor Inc. 微控制器
|